Part Number Hot Search : 
CBTS3257 SR5413 20F48N UFDB120 UPD71071 16373 MAX3182E A5518
Product Description
Full Text Search
 

To Download IXFV12N90P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds100056(10/08) v dss = 900v i d25 = 12a r ds(on) 900m t rr 300 ns n-channel enhancement mode avalanche rated fast intrinsic diode features z international standard packages z avalanche rated z low package inductance z fast intrinsic diode advantages z easy to mount z space savings z high power density applications: z switched-mode and resonant-mode power supplies z dc-dc converters z laser drivers z ac and dc motor drives z robotics and servo controls symbol test conditions maximum ratings v dss t j = 25 c to 150 c 900 v v dgr t j = 25 c to 150 c, r gs = 1m 900 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c12a i dm t c = 25 c, pulse width limited by t jm 24 a i a t c = 25 c6a e as t c = 25 c 500 mj dv/dt i s i dm , v dd v dss ,t j 150 c 15 v/ns p d t c = 25 c 380 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus220) 11..65/2.5..14.6 n/lb. weight to-247 6 g plus220 types 4 g ixfh12n90p IXFV12N90P IXFV12N90Ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 900 v v gs(th) v ds = v gs , i d = 1ma 3.5 6.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss 25 a v gs = 0v t j = 125 c 1 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 900 m polar tm power mosfet hiperfet tm preliminary technical information g = gate d = drain s = source tab = drain g s d (tab) plus220smd (ixfv_s) to-247 (ixfh) plus220 (ixfv) g d s d (tab) d (tab)
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n90p IXFV12N90P IXFV12N90Ps symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 5.0 8.2 s r gi gate input resistance 1.7 c iss 3080 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 200 pf c rss 33 pf t d(on) 32 ns t r 34 ns t d(off) 50 ns t f 68 ns q g(on) 56 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 18 nc q gd 27 nc r thjc 0.33 c /w r thcs (to-247, plus220) 0.25 c /w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 12 a i sm repetitive, pulse width limited by t jm 48 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 300 ns q rm 0.9 c i rm 7.8 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 6a, -di/dt = 100a/ s v r = 100v, v gs = 0v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 (external) to-247 (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p plus220 (ixfv) outline plus220smd (ixfv_s) outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2008 ixys corporation, all rights reserved ixfh12n90p IXFV12N90P IXFV12N90Ps fig. 1. output characteristics @ 25oc 0 1 2 3 4 5 6 7 8 9 10 11 12 01234567891011 v ds - volts i d - amperes v gs = 10v 8v 7 v 5 v 6 v fig. 2. extended output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 20 22 24 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 8v 7 v 6 v 5 v fig. 3. output characteristics @ 125oc 0 1 2 3 4 5 6 7 8 9 10 11 12 0 2 4 6 8 101214161820222426 v ds - volts i d - amperes v gs = 10v 8v 7v 6v fig. 4. r ds(on) normalized to i d = 6a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 12a i d = 6a fig. 5. r ds(on) normalized to i d = 6a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 0 2 4 6 8 1012141618202224 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 1 2 3 4 5 6 7 8 9 10 11 12 13 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfh12n90p IXFV12N90P IXFV12N90Ps ixys ref: f_12n90p(65)10-22-08 fig. 7. input admittance 0 2 4 6 8 10 12 14 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 2 4 6 8 10 12 14 02468101214 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 5 10 15 20 25 30 35 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 2 4 6 8 10 12 14 16 0 1020304050607080 q g - nanocoulombs v gs - volts v ds = 450v i d = 6a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.10 1.00 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFV12N90P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X